PART |
Description |
Maker |
2B125-12S12 2B125-05S12 2B150-24D05 2B125-48S12 2B |
5-Pin, Multiple-Input, Programmable Reset ICs Analog IC 模拟IC
|
Microchip Technology, Inc.
|
155PJ2.6-57 155PJ28-350 28PJ3.3-70 28PJ24-210 155P |
5-Pin, Multiple-Input, Programmable Reset ICs Analog IC 模拟IC
|
TE Connectivity, Ltd.
|
2FI100F-030D 2FI100F-030C 2FI100F-060C 2FI100F-060 |
5-Pin, Multiple-Input, Programmable Reset ICs BRIDGE MODULE DIODE 桥模块二极管
|
Advanced Interconnections, Corp.
|
2MBI50J060 |
5-Pin, Multiple-Input, Programmable Reset ICs 晶体管| IGBT功率模块|半桥| 600V的五(巴西)国际消费电子展| 50A条一(c
|
Fuji Electric Holdings Co., Ltd.
|
MAX630508 MAX6305UK00D-T MAX6305EUK00D-T MAX6306UK |
5-Pin, Multiple-Input, Programmable Reset ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AT43USB326 |
USB Multimedia keyboard controller with an embedded two part hub, 3 programmable end points. 16 Kbytes program ROM, 512 bytes SRAM and support for multiple 18 x 8 keyboard matrix.
|
Atmel
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
Q67006-A5198 |
Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
|
SIEMENS AG
|
PIC12CE673 PIC12CE674 PIC16C65B PIC16C67 PIC16CR65 |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 40- or 44-pin package and is upwards This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 40- or 44-pin package and is upwards This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 28-pin package and is upwards compati
|
Microchip
|
PIC16C54C PIC16F54 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single-word instructions) FLASH-based 8-bit microcontroller packs Microchip’s powerful PICmicroarchitecture into an 18-pin package. Easily adapted fo
|
Microchip
|
2N859 2N4383 2N862 2N863 2N860 2N858 2N1257 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-18 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 800MA I(C) | TO-5 晶体管|晶体管|叩| 30V的五(巴西)总裁| 800mA的一(c)| 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 5-Pin, Multiple-Input, Programmable Reset ICs
|
Electronic Theatre Controls, Inc.
|
AY08A3-12 AY08A3-8 AY08A4-14 AY08A4-8 AY08A3 AY08A |
16-Pin Multiple Circuit Triac
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|